PART |
Description |
Maker |
PS11036 |
IntellimodModule Application Specific IPM (30 Amperes/600 Volts) Intellimod Module Application Specific IPM (30 Amperes/600 Volts) Intellimod⑩ Module Application Specific IPM (30 Amperes/600 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
PS11035 |
Intellimod??Module Application Specific IPM (20 Amperes/600 Volts) IntellimodModule Application Specific IPM (20 Amperes/600 Volts) Intellimod Module Application Specific IPM (20 Amperes/600 Volts) Intellimod⑩ Module Application Specific IPM (20 Amperes/600 Volts)
|
POWEREX INC POWEREX[Powerex Power Semiconductors]
|
PS12032 |
IntellimodModule Application Specific IPM (5 Amperes/1200 Volts) Intellimod⑩ Module Application Specific IPM (5 Amperes/1200 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
PS12015-A |
Application Specific IPM Modules: 1200V
|
Mitsubishi Electric Corporation
|
PS11036 |
Application Specific IPM Modules: 600V Acoustic noise-less 2.2kW/200V AC Class 3 phase inverters, motor control applications, and motors with built-in small size inverter package
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
890-000-K0200-6000-00 901-000-00200-6000-00 801-00 |
MODUL ANZEIGE 18X24MM T5.5 MODUL SCHALTER 1P T1 3/4 MODUL SCHALTER 1P T5.5 MODUL ANZEIGE 18X18MM T5.5 MODUL ANZEIGE 18X24MM T1 3/4 1.5A Dual MOSFET Drvr, td Match, 0C to 70C, 8-SOIC 150mil, T/R MODUL ANZEIGE 18X18MM T1 3/4 MODUL SCHALTER 18X18MM SPDT T5.5 MODUL SCHALTER 18X18MM DPDT T1 3/4 模件SCHALTER 18X18MM双刀双掷T1 3 / 4 MODUL SCHALTER 18X18MM SPDT T1 3/4 模件SCHALTER 18X18MM单刀双掷T1 3 / 4
|
EAO International TE Connectivity, Ltd.
|
MB82DP04183C MB82DP04183C-65LWFKT MBR0520LT1G SN54 |
64M Bit (4 M word ??16 bit) Mobile Phone Application Specific Memory 64M Bit (4 M word 】 16 bit) Mobile Phone Application Specific Memory Surface Mount Schottky Power Rectifier Plastic SOD?123 Package 18-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
|
Fujitsu Media Devices Limited ONSEMI TI
|
IRF7807V |
N Channel Application Specific MOSFET
|
IRF[International Rectifier]
|
V82MT3B V22MT1B V100MA4B V100MA4A V150MA1A V150MA2 |
Axial Lead / Application Specific Varistors Axial Lead / Application Specific Varistors MA Series Axial Lead / Application Specific Varistors MA Series
|
Littelfuse, Inc.
|
S1C17803 |
CMOS 16-bit Application Specific Controller
|
Epson Company
|
S1C33A01 |
CMOS 32-bit Application Specific Controller
|
Epson Company
|
UPD4616112F9-BC90-BC2-A |
1M X 16 APPLICATION SPECIFIC SRAM, 90 ns, PBGA48 6 X 8 MM, FBGA-48
|
Infineon Technologies AG
|